Part Number Hot Search : 
640EB 1206C IDTQS3 BC847B AD5541AR CBC3225T KAV99 3X221
Product Description
Full Text Search
 

To Download BF999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF999
Silicon N-Channel MOSFET Triode For high-frequency stages up to 300 MHz preferably in FM applications
3
Storage temperature Channel temperature
Thermal Resistance
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Channel - soldering point1)
Total power dissipation, TS
76 C
2 1
VPS05161
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Pin Configuration Package
BF999
Maximum Ratings Parameter
LBs
1=G
2=D
Symbol
3=S
Value
SOT23
Unit
Drain-source voltage Drain current Gate-source peak current
VDS ID IGSM Ptot Tstg Tch
20 30 10 200 -55 ... 150 150
V mA mA mW C
Rthchs
370
K/W
Nov-08-2002
BF999
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter DC characteristics Drain-source breakdown voltage ID = 10 A, - VGS = 4 V IGS = 10 mA, VDS = 0 VGS = 5 V, VDS = 0
Symbol min. V(BR)DS V(BR)GSS IGSS 20 6.5 5 -
Values typ. max. 12 50 18 2.5
Unit
V
Drain current VDS = 10 V, VGS = 0 Gate-source pinch-off voltage VDS = 10 V, ID = 20 A
AC characteristics Forward tranconductance VDS = 10 V, I D = 10 mA Gate input capacitance VDS = 10 V, I D = 10 mA, f = 1 MHz Reverse tranfer capacitance VDS = 10 V, I D = 10 mA, f = 1 MHz Output capacitance VDS = 10 V, I D = 10 mA, f = 1 MHz Power gain VDS = 10 V, I D = 10 mA, f = 200 MHz Noise figure VDS = 10 V, I D = 10 mA, f = 200 MHz F 1 Gp 25 dB Cdss 1 pF Cdg 25 fF Cgss 2.5 pF gfs 14 16 mS
2
Gate-source leakage current
Gate-source breakdown voltage

nA mA V
IDSS - VGS (p)
Nov-08-2002
BF999
Total power dissipation Ptot = f(TS)
Output characteristics ID = f (VDS)
300
25
BF 999
EHT07308
mW
D
mA 20
VGS = 0.8 V 0.6 V 0.4 V
P tot
200
15
150
0.2 V 0V -0.2 V
10
100
50
5
-0.4 V -0.6 V
0 0
20
40
60
80
100
120 C
150
0
0
5
10
15
V V DS
20
TS
Gate transconductance gfs = f (VGS)
Drain current ID = f (VGS)
20 g fs mS
BF 999
EHT07309
30
BF 999
EHT07310
D
mA
15 20
10
10 5
0
-1
0
1
2
V VGS
3
0
-1
0
1
V V GS
2
3
Nov-08-2002
BF999
Gate input capacitance Cgss = f (VGS )
Output capacitance C dss = f (V DS)
3 Cgss pF
BF 999
EHT07311
2.0 Cdss pF
BF 999
EHT07312
1.5
2
1.0
1
0.5
0
-2
-1
0
V VGS
1
0.0
0
5
10
V VDS
15
Reverse transfer capacitance
Cdg = f (VDS)
200 Cdg fF
BF 999 EHT07313
Gate input admittance y 11s (common-source)
14 b 11s mS 12 10 8
BF 999 f = 800 MHz EHT07314
700 MHz
150
600 MHz
500 MHz
100
6 4
200 MHz
400 MHz
300 MHz
50
2
100 MHz 50 MHz
0
0
5
10
V V DS
15
0
0
1
2
3
mS g11s
4
4
Nov-08-2002
BF999
Gate forward transfer admittance y21s (common-source)
BF 999 EHT07315
Output admittance y 22s (common-source)
5 b 22s mS 4
600 MHz BF 999 EHT07316 f = 800 MHz
0 b 21s mS
50 MHz 100 MHz
700 MHz
-5
200 MHz
3
300 MHz
500 MHz
400 MHz
400 MHz
2
300 MHz
-10
600 MHz 700 MHz f = 800 MHz
500 MHz
200 MHz
1
100 MHz 50 MHz
-15
4
6
8
10
12
14 mS 16 g 21s
0
0
0.1
0.2
0.3
0.4 mS 0.5 g 22s
Test circuit for power gain and noise figure f = 200 MHz
1 nF 15 pF 15 pF 1 nF
Input 60
Output 60
BB515 270 k 1 nF 270 k 270 k
BB515 Dr 1 nF
VG1S
Vtun
Vtun
VDS
EHM07024
5
Nov-08-2002


▲Up To Search▲   

 
Price & Availability of BF999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X